Part Number Hot Search : 
C2001 FC138 NDB6030 NDB6030 16003 VSP9435B 8016A TQQ7101
Product Description
Full Text Search
 

To Download L99-029-XXX-DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t echnical data sheet multimag 6 cable assembly l99 - 029 - xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d - 84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18 - 0 email : info@rosenberger.de page 1 / 4 r f_35/09.14/6.2 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg all dimensions are in mm; tole rances according to iso 2768 c general i nformation multimag 6 cable assembly consisting of break - off plug with magn ets number and type of contacts 6 spring - loaded contacts usb 2.0 cable usb - a connector available versions type description l99 - 029 - xxx black, similar ral 9005 l99 - a0039 - xxx white, similar ral 9010 xxx = coding for length a in mm cable length [mm] range length "a" 50 to 100 101 to 1000 1001 to 5000 tolerance for "a" 5 10 20
t echnical data sheet multimag 6 cable assembly l99 - 029 - xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d - 84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18 - 0 email : info@rosenberger.de page 2 / 4 r f_35/09.1 4/6.2 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg technical d ata break - off plug all dimensions are in mm; tole rances according to iso 2768 c interface mating with multimag 6 receptacle material and p lating break - off plug connector parts material plating / color housing bottom and top pc+abs black , simil ar ral 9005 magnets ndfeb nickel plated spring loaded contacts material plating / color piston brass g old plated ferrule brass g old plated spring stainless steel wire connectors usb - a according to usb 2.0 specification
t echnical data sheet multimag 6 cable assembly l99 - 029 - xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d - 84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18 - 0 email : info@rosenberger.de page 3 / 4 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg r f_35/09.1 4/6.2 cable usb 2.0 cable accordi ng to usb 2.0 specification twisted pair (1, 2) 2x stranded tinned copper wire 28 awg, ? 0.40 mm with pe insulation ? 0.80 mm, green and white w ire (3, 4) 2x stranded tinned copper wire 28 awg, ? 0.40 mm with pvc insulation ? 0.80 mm, black and red drain wire 1x tinned copper ? 0.127 mm foil coverage al mylar braid shield tinned copper jacket tpe ? 3.40 mm el ectrical d ata designed for usb 2.0 specification 5 v dc, 0.5 a maximum voltage 24 v dc maximum current 1 a test voltage 500 v dc insulat ion resistance 100 m contact resistance typically 50 m
t echnical data sheet multimag 6 cable assembly l99 - 029 - xxx rosenberger hochfrequenztechnik gmbh & co. kg p.o.box 1260 d - 84526 tittmoning germany www.rosenberger.de tel. : +49 8684 18 - 0 email : info@rosenberger.de page 4 / 4 dieses dokument ist urheberrechtlich geschtzt this document is protected by copyright rosenberger hochfrequenztechnik gmbh & co. kg r f_35/09.1 4/6.2 mechanical d ata magnetic disengagement force average 8 n mating cycles without load min. 5.000 expected mating cycles with load: max. voltage max. current mating cycles 5.0 v dc 0.5 a min . 5.000 12.6 v dc 1.0 a min. 2.000 24.0 v dc 0.5 a min. 800 environmental d ata temperature range - 2 0 c to +6 0 c magnets start losing their magnetic properties above 65 c compliance rohs compliant packing standard 1 pc in plastic bag , 100 bags in box weight d epending on cable length draft date approved date rev. engineering change number name date m. portenkirchner 23.01.15 t. scheuerlein 25 .07.17 a0 2 17 - 0004 m. margardt 25 .07.17 while the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warr anty on our part and no statement herein shall be construed as recommendation to infringe existing patents. in th e effort to improve our products, we reserve the right to make changes judged to be necessary. caut ion! magnets can impact the function of pace makers and implantable cardioverter - defibrillators (e.g. actuation of reed switch ). keep a minimum distance of 0. 2 m (20 cm) between the magnetic connector and the implanted devices to prevent m alfunction and d anger to health.


▲Up To Search▲   

 
Price & Availability of L99-029-XXX-DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X